PART |
Description |
Maker |
STR-S5703 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
|
Allegro MicroSystems, Inc.
|
STR-S5708 |
Off-Line Switching Regulators with Bipolar Switching Transistor
|
Allegro MicroSystems
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
MAX727 MAX727CCK MAX727ECK MAX728CCK MAX728ECK MAX |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 3.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PZFM5 5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators 5V/3.3V/3V 2A Step-Down / PWM / Switch-Mode DC-DC Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
STR-X6769 |
Off-Line Quasi-Resonant Switching Regulators
|
Allegro MicroSystems
|
STRS6401 |
OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
|
Allegro MicroSystems
|
STR-F6600 |
Off-line Quasi-resonant Flyback Switching Regulators
|
Allegro Micro Systems
|
LT1070 LT1070CK LT1070CT LT1070HVCK LT1070HVCT LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 47 kHz SWITCHING FREQ-MAX, PZFM5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 5A and 2.5A High Efficiency Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX631 MAX633XEJA MAX633XEPA MAX633XESA MAX633AEPA |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 CMOS Fixed/Adjustable Output Step-Up Switching Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SB963 2SB963-Z 2SB963-ZK 2SB963-ZM 2SB963-ZL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS BJT Preset/Adjustable Output CMOS Inverting Switching Regulators PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3
|
NEC Corp. NEC[NEC]
|
PSL486-7R SL486 PSL126-7R PSL128-7R PSL129-2R PSL1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK TVS UNI-DIR 24V 1500W DO-201 6...12 A Switching Regulators
|
POWER-ONE[Power-One]
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|